Part Number Hot Search : 
CTQ040 APTM1 AKA0600S EMK13H HCF4096B FCC20 APTM1 100CA
Product Description
Full Text Search
 

To Download B121000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  displayport extender equalizer, repeater for video & audio 1920x1200 at 60hz/1080p (displayport f/f) model number: b121-000 description tripp lite's b121-000 displayport signal extender increases the distance a displayport signal can be transmitted beyond the recommended 16 ft. (5 m.). it supports computer video resolutions up to 1920 x 1200 @ 60hz, and hd resolutions up to 1080p @ 60hz, as well as a maximum distance of 150 ft. from the source. use p580-series displayport cables in most applications. when extending a 1920 x 1200 @ 60hz (or 1080p @ 60hz) video signal more than 100 ft., use cable made with 24awg wiring. (available from tripp lite as a custom order) simply connect the longer cable between the source and the b121-000, and the shorter cable (16 ft. or less) between the adapter and the monitor. software or drivers are not required. built-in equalization control to adjust the video image. hdcp compliant. compliant with the federal trade agreements act (taa) for gsa schedule purchases. features extend a displayport signal up to 150 ft. from the source supports computer video resolutions up to 1920 x 1200 @ 60hz, and hd resolutions up to 1080p @ 60hz use p580-series displayport cables when extending a 1920x1200 @ 60hz (or 1080p @ 60hz) video signal more than 100 ft., use a cable made with 24awg wiring (available from tripp lite as a custom order) built-in equalization control to adjust the video image hdcp compliant compliant with the federal trade agreements act (taa) for gsa schedule purchases specifications general info rohs y highlights extend a displayport signal up to 150 ft. from the source supports computer video resolutions up to 1920 x 1200, and hd resolutions up to 1080p. when extending a 1920 x 1200 @ 60hz (or 1080p @ 60hz) signal more than 100 ft., use cable made with 24awg wiring built-in equalization control to adjust the video image displayport v1.1a compliant compliant with the federal trade agreements act (taa) for gsa schedule purchases system requirements a displayport equipped computer a displayport equipped monitor for audio support, you must have a displayport source that supports audio, and which has it enabled. reference the faq in the q&a tab of this page for details. package includes b121-000 displayport signal extender external power supply ( input: 100-240v, 50/60hz, 0.5a output: 5v, 2a) screwdriver for equalization adjustment owner's manual 1 / 2
overview chromebook compatible no display style signal booster model type displayport user interface, alerts & controls led indicators the green led illuminates to indicate that the power supply is connected and the unit is receiving power from a power source. the orange led illuminates when the s/l equalization switch is in the l position. the orange led does not illuminate when the s/l equalization switch is in the s position. physical color black connections connector a displayport (female) connector b displayport (female) number of connectors 2 warranty product warranty period (worldwide) 1-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of B121000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X